PART |
Description |
Maker |
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
UPD8749HC UPD8749HD UPD8039HLC UPD8049H UPD8049HC |
High Speed 8 Bit HMOS Microcomputers High Speed 8 Bit Single-Chip HMOS Microcomputers High-Speed, 8-Bit, Single-Chip Hmos Microcomputers
|
NEC
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
STP80N06-1 STP80N06-10 4888 |
From old datasheet system N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
UPD8749H |
(UPD8749H / UPD8039HL / UPD8049H) High-Speed 8-Bit Single-Chip Hmos Microcomputers
|
NEC
|
ISPLSI2032VL-135LT44I ISPLSI2096VL ISPLSI2096VL-10 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8 ns, PQFP128 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44
|
LATTICE[Lattice Semiconductor] LATTICE [Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AN82 |
HIGH-DENSITY MULTI CHANNEL OC-48 LAYOUT GUIDELINES FOR THE Si5100 AND Si5110
|
Silicon Laboratories Inc.
|
WNM2025 WNM2025-3 WNM2025-3TR |
Single N-Channel, 20V, 3.9 A, Power MOSFET Supper high density cell design N-Channel MOSFET
|
TY Semiconductor Co., L...
|